PART |
Description |
Maker |
3197 A3197ELT A3197EU A3197LLT A3197LU A3196LLT A3 |
PROTECTED HIGH-TEMPERATURE OPEN-COLLECTOR HALL-EFFECT LATCH PROTECTED, HIGH-TEMPERATURE, OPEN-COLLECTOR HALL-EFFECT LATCH PROTECTED/ HIGH-TEMPERATURE/ OPEN-COLLECTOR HALL-EFFECT LATCH Protected,High-Temperature,Hall-Effect Latch With Active Pull-Down(保护型,工作于高温,集电极开路霍尔效应锁存器) IC SENSOR QWHEEL ROTARY 14TSSOP Protected,High-Temperature,Hall-Effect Latch With Active Pull-Down(淇?????宸ヤ?浜??娓╋???????璺??灏??搴??瀛??) Protected, high-temperature, hall-effect latch with active pull-down
|
ALLEGRO[Allegro MicroSystems] Allegro MicroSystems, Inc.
|
319502 A3195LU |
PROTECTED, HIGH-TEMPERATURE, HALL-EFFECT LATCH WITH ACTIVE PULL-DOWN
|
ALLEGRO[Allegro MicroSystems]
|
NCV8452STT3G NCV8452STT1G |
Self Protected High Side Driver with Temperature Self Protected High Side Driver with Temperature
|
ON Semiconductor
|
AM27C040-120/BUA AM27C040-120/BXA AM27C040-120LIB |
Dual PowerPath Switch Driver; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C Single and Dual Protected High Side Switches; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Differential Bus Transceiver; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Low Noise, Switched Capacitor-Regulated Voltage Inverters; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C SIM Power Supplyand Level Translator; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C Single and Dual PCMCIA Protected 3.3V/5V VCC Switches; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C 1MHz/500kHz Continuous Time Low Noise, Lowpass Elliptic Filter; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Low Power RS485 Transceiver with Receiver Fail-Safe; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Very Low Noise, Low Distortion Active RC Quad Universal Filter; Package: SSOP; No of Pins: 20; Temperature Range: 0°C to 70°C Low Power RS485 Transceiver with Receiver Fail-Safe; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C x8存储 1MHz/500kHz Continuous Time Low Noise, Lowpass Elliptic Filter; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C x8存储 x8 EPROM x8存储
|
Samsung Semiconductor Co., Ltd. Advanced Micro Devices, Inc.
|
NIF62514 NIF62514T1 NIF62514T3 |
Self-protected FET, Current and Temp Limit, 42V clamp, ESD, SOT-223 Self-protected FET with Temperature and Current Limit
|
ONSEMI[ON Semiconductor]
|
PI5A4599ATX |
Single and Dual Protected High Side Switches; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C SPDT模拟开
|
Vishay Intertechnology, Inc.
|
HIN206E HIN211E HIN202E HIN208E HIN241E HIN232ECAZ |
QUAD LINE TRANSCEIVER, PDSO28 ESD保护5V的技术和RS - 232发送器/接收器(静电放电保护,正5V的电源电压的RS - 232收发器) ± 15kV的,ESD保护5V的技术和RS - 232发送器/接收器(± 15kV的ESD防护5V的电源电压,RS - 232接口收发器) /-15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers; Temperature Range: 0°C to 70°C; Package: 16-SSOP T&R DUAL LINE TRANSCEIVER, PDSO16 ±15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers; Temperature Range: -40°C to 85°C; Package: 24-SSOP T&R QUAD LINE TRANSCEIVER, PDSO24 /-15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers; Temperature Range: 0°C to 70°C; Package: 16-PDIP DUAL LINE TRANSCEIVER, PDIP16 ±15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers(±15kV ESD防护, 5V电源电压, RS-232收发 ± 15kV的,ESD保护V的技术和RS - 232发送器/接收器(± 15kV的ESD防护V的电源电压,RS - 232接口收发器) ±15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers; Temperature Range: 0°C to 70°C; Package: 24-SOIC T&R TRIPLE LINE TRANSCEIVER, PDSO24 ±15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers; Temperature Range: -40°C to 85°C; Package: 24-SSOP TRIPLE LINE TRANSCEIVER, PDSO24 ±15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers; Temperature Range: 0°C to 70°C; Package: 24-SOIC TRIPLE LINE TRANSCEIVER, PDSO24
|
Intersil Corporation Intersil, Corp.
|
NIF5003NT1 NIF5003NT1G NIF5003NT3 NIF5003NT3G NIF5 |
Self−Protected FET with Temperature and Current Limit
|
ONSEMI[ON Semiconductor]
|
NID5001N |
Self-protected FET with Temperature and Current Limit(自保护型FET(带过温和过流保护))
|
ON Semiconductor
|
MAX4506 MAX4507 MAX4507EWN MAX4507CAP MAX4507EAP M |
Fault-Protected, High-Voltage Signal-Line Protectors OCTAL 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO18 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT08; Number of Contacts:4; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Right Angle Plug Fault-Protected / High-Voltage Signal-Line Protectors Fault-protected, high-voltage, signal-line protector
|
Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MC34982PNA MC33982 MC33982PNA MC33982PNA/R2 |
Single Intelligent High-Current Self-Protected Silicon High-Side Switch 单智能大电流的自我保护硅高边开 Single Intelligent High-Current Self-Protected Silicon High-Side Switch (2.0 mOhm)(单智能大电流带自保护功能的硅高端开关(2mOhm
|
Motorola Mobility Holdings, Inc. Motorola, Inc. 飞思卡尔半导体(中国)有限公司
|